Part Number Hot Search : 
MRF151 073644 87C510 DS18B20Z 26000 UN221K MZ4102 0603X
Product Description
Full Text Search
 

To Download SSM9973GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM9973GH,J
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Low gate-charge Simple drive requirement Fast switching G
D
BV DSS R DS(ON) ID
60V 80m 14A
S
Description
The SSM9973GH is in a TO-252 package, which is widely used for commercial and industrial surface mount applications, and is well suited for low voltage applications such as DC/DC converters. The through-hole version, the SSM9973GJ in TO-251, is available for low-footprint vertical mounting. These devices are manufactured with an advanced process, providing improved on-resistance and switching performance.
GD S
TO-252 (H)
Pb-free lead finish (second-level interconnect)
G
D
S
TO-251 (J)
Absolute Maximum Ratings
Symbol VDS VGS ID @ TA=25C ID @ TA=100C IDM PD @ TA=25C TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 60 20 14 9 40 27 0.22 -55 to 150 -55 to 150
Units V V A A A W W/C C C
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 4.5 110 Unit C/W C/W
2/16/2005 Rev.2.2
www.SiliconStandard.com
1 of 5
SSM9973GH,J
Electrical Characteristics @ Tj=25oC (unless otherwise specified)
Symbol BVDSS Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2 Test Conditions VGS=0V, ID=250uA Min. 60 1 Typ. 0.05 8.6 8 3 4 7 15 16 3 720 77 45 Max. Units 80 100 3 1 25 100 13 1150 V V/C m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
BV DSS/Tj
RDS(ON)
Breakdown Voltage Temperature Coefficient Reference to 25C, ID=1mA
VGS=10V, ID=9A VGS=4.5V, ID=6A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=9A VDS=60V, VGS=0V VDS=48V ,VGS=0V VGS= 20V ID=9A VDS=48V VGS=4.5V VDS=30V ID=9A RG=3.3 ,VGS=10V RD=3.3 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=14A, VGS=0V IS=9A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 28 27
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by max. junction temperature. 2.Pulse width <300us , duty cycle <2%.
2/16/2005 Rev.2.2
www.SiliconStandard.com
2 of 5
SSM9973GH,J
45
32
40
T C =25 C
o
35
ID , Drain Current (A)
30
ID , Drain Current (A)
10V 7.0V 5.0V 4.5V
28
T C =150 o C
24
10V 7.0V 5.0V 4.5V
20
25
16
20
12
15
8
V G =3.0V
10
V G =3.0V
4
5
0
0 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
90
2.5
ID=9A
85
I D =9A
2.0
T C =25 C Normalized RDS(ON)
o
V G =10V
RDS(ON) (m )
80
1.5
75
1.0
70
0.5
65
0.0 3 5 7 9 11
-50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance vs. Junction Temperature
2.5
14
12 2
10
8
IS(A)
o T j =150 C
6
T j =25 o C
VGS(th) (V)
1.4
1.5
1
4
0.5 2
0 0 0.2 0.4 0.6 0.8 1 1.2
0
-50
0
50
100
150
V SD , Source-to-Drain Voltage (V)
T j ,Junction Temperature ( C)
o
Fig 5. Forward Characteristic of the Reverse Diode
Fig 6. Gate Threshold Voltage vs. Junction Temperature
2/16/2005 Rev.2.2
www.SiliconStandard.com
3 of 5
SSM9973GH,J
f=1.0MHz
12
10000
ID=9A VGS , Gate to Source Voltage (V)
10
8
6
4
C (pF)
V DS =48V V DS =38V V DS =30V
1000
Ciss
100
Coss Crss
2
0
10 0 4 8 12 16 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (R thjc)
Duty factor=0.5
1ms
10
0.2
ID (A)
0.1
0.1
0.05
10ms
1
PDM
0.02
T C =25 o C Single Pulse
0.1 0.1 1 10
100ms 1s DC
t T
Single Pulse
0.01
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
0.01
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
2/16/2005 Rev.2.2
Fig 12. Gate Charge Waveform
www.SiliconStandard.com
4 of 5
SSM9973GH,J
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
2/16/2005 Rev.2.2
www.SiliconStandard.com
5 of 5


▲Up To Search▲   

 
Price & Availability of SSM9973GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X